Part Number Hot Search : 
CDA15 5225B SMS4003K 5225B DR623CT 1PMT4635 M8085AH 9X388
Product Description
Full Text Search
 

To Download HLW20R-2A7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical support / drawings / specifications : www.fciconnect.com 20 hlw series - lif / through hole the most flexible solution features benefits 1.00 mm spacing for ffc / fpc / cic  available in 4 to 32 positions  right angle and vertical type  kinked solder tails available  the gas-tight, high pressure (gth) contact system ensures a low cost connection with reliability equal to gold plating.  the low insertion force (lif) contacts positioning provides a reliable and easy mating operation.  fork shaped contacts mean stable and low contact resistance.  kinked solder tails provide added pcb retention. technical data material housing : pbt, glass reinforced, ul94v-0, black contact : phosphor bronze, tin alloy plated pc board pattern (component side)
21 dimensions in mm technical support / drawings / specifications / www.fciconnect.com hlw series - lif / through hole the most flexible solution 1.00 mm spacing for ffc / fpc / cic ordering data dimensions circuitry type for recommended circuitry type see page 31 no of contacts 4 to 32 terminal type r = right angle s = straight cable type 2 = fpc/ffc 6 = cic series hlw 10 r - 2 c 7 variation a7 = non-kinked terminal c7 = kinked terminal 1 x total no. of pos +2.6 + _ 0.30 1 x total no. of pos +1.12 + _ 0.10 1 x total no. of pos -1.0 + _ 0.30 1 x total no. of pos +2.6 + _ 0.30 1 x total no. of pos +1.12 + _ 0.10 1 x total no. of pos -1.0 + _ 0.30 tray packaging right angle straight non-kinked terminal kinked terminal kinked terminal non-kinked terminal


▲Up To Search▲   

 
Price & Availability of HLW20R-2A7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X